Part Number Hot Search : 
67A42 4ACT118 PIC16F MSP43 3X221 FJY4004R X799E B8806
Product Description
Full Text Search
 

To Download 88E1116R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  marvell. moving forward faster doc. no. mv-s105539-00, rev. -- may 9, 2011 document classification: proprietary information cover alaska ? 88E1116R technical product brief gigabit ethernet transceiver
document conventions note: provides related information or information of special importance. caution: indicates potential damage to hardware or software, or loss of data. warning: indicates a risk of personal injury. document status doc status: advance technical publications: 1.00 for more information, visit our website at: www.marvell.com disclaimer no part of this document may be reproduced or transmitted in any form or by any means, electronic or mechanical, including phot ocopying and recording, for any purpose, without the express written permission of marvell. marvell retains the right to make changes to this document at any time, with out notice. marvell makes no warranty of any kind, expressed or implied, with regard to any information contained in this document, including, but not limited to, the impli ed warranties of merchantability or fitness for any particular purpose. further, marvell does not warrant the accuracy or completeness of the information, text, graphics, or other items contained within this document. marvell products are not designed for use in life-support equipment or applications that would cause a life-threatening situati on if any such products failed. do not use marvell products in these types of equipment or applications. with respect to the products described herein, the user or recipi ent, in the absence of appropriate u.s. government authorizati on, agrees: 1) not to re-export or release any such information consisting of technology, software or source code controlled for national s ecurity reasons by the u.s. export control regulations ("ear"), to a national of ear country groups d:1 or e:2; 2) not to export the direct product of such technology or such software, to ear country groups d:1 or e:2, if such technology o r software and direct products thereof are controlled for national security reasons by the ear; and, 3) in the case of technology controlled for national security reasons under the ear where the direct product of the technology is a complete plant or component of a plant, not to export to ear country groups d:1 or e:2 the direct product of the plant or major component thereof, if such direct produ ct is controlled for national security reasons by the ear, or is subject to controls under the u.s. munitions list ("usml"). at all times hereunder, the recipient of any such information agrees that they shall be deemed to have manually signed this doc ument in connection with their receipt of any such information. copyright ? 1999?2011. marvell international ltd. all rights reserved. marvell, moving forward faster, the marvell logo, alaska , anyvoltage, dsp switcher, fastwriter, feroceon, libertas, link street, phyadvantage, prestera, topdog, virtual cable tester, yukon, and zj are registered trademarks of marvell or its affiliates. carrierspan, linkcrypt, powered by marvell green pfc, qdeo, quietvideo, sheeva, twind, and vct are trademarks of marvell or its affiliates. patent(s) pending?products identified in this document may be covered by one or more marvell patents and/or patent applications . alaska ? 88E1116R technical product brief gigabit ethernet transceiver doc. no. mv-s105539-00 rev. -- copyright ? 2011 marvell page 2 document classification: proprietary information may 9, 2011, advance
alaska ? 88E1116R technical product brief gigabit ethernet transceiver copyright ? 2011 marvell doc. no. mv-s105539-00, rev. -- may 9, 2011, advance document classification: proprietary information page 3 o verview the alaska ? 88E1116R gigabit ethernet transceiver is a physical layer device containing a single gigabit ethernet transceiver. the transceiver implements the ethernet physical layer po rtion of the 1000base-t, 100base-tx, and 10base-t standards. it is manu- factured using standard digital cmos process and contains all the active circuitry required to implement the physical layer functions to transmit and receive data on standard cat 5 unshielded twisted pair. the 88E1116R device supports the rgmii (reduced pin count gmii) for direct connection to a mac/switch port. the 88E1116R device integrates mdi interface termi- nation resistors into the phy. this resistor integration simplifies board layout and reduces board cost by reducing the number of external components. the new marvell ? calibrated resistor scheme will achieve and exceed the accuracy requirements of the ieee 802.3 return loss specifications. the 88E1116R device can run off a single 1.8v, 2.5v, or 3.3v supply. alternatively if the regulators are not used then the 88E1116R device can run off 1.8v and1.2v supply. the 88E1116R device has two regulators to generate all required voltages. the 88E1116R device supports 1.8v, 2.5v, and 3.3v hstl/sstl and 2.5v lvcmos i/ o standards the 88E1116R device incorporates the marvell? vir- tual cable tester ? (vct?) feature, which uses time domain reflectometry (tdr) technology for the remote identification of po tential cable malfunctions, thus reducing equipment returns and service calls. using vct, the alaska 88E1116R device detects and reports potential cabling issues such as pair swaps, pair polarity and excessive pair skew. the device will also detect cable opens, shorts or any impedance mis- match in the cable and reporting accurately within one meter the distance to the fault. the 88E1116R device uses advanced mixed-signal processing to perform equalization, echo and crosstalk cancellation, data recovery, and error correction at a gigabit per second data rate. the device achieves robust performance in noisy environments with very low power dissipation. f eatures ? 10/100/1000base-t ieee 802.3 compliant ? four rgmii timing modes - this eliminates the need for adding trace delays on the pcb ? supports lvcmos, sstl, and hstl i/o stan- dards on the rgmii interface ? integrated mdi interface termination resistors that eliminate twelve passive components ? energy detect and energy detect+ low power modes ? three loopback modes for diagnostics ? ?downshift? mode for two-pair cable installations ? fully integrated digital adaptive equalizers, echo cancellers, and crosstalk cancellers ? advanced digital baseline wander correction ? automatic mdi/mdix crossover at all speeds of operation ? automatic polarity correction ? ieee 802.3u compliant auto-negotiation ? software programmable led modes including led testing ? supports ieee 1149.1 jtag ? mdc/mdio management interface ? crc checker, packet counter ? packet generation ? virtual cable tester (vct) ? auto-calibration for mac interface outputs ? coma mode support ? requires a single 1.8v supply ? i/o pads can be supplied with 1.8v, 2.5v, or 3.3v ? two regulators generate all required voltages. regulator can be supplied with 1.8v, 2.5v or 3.3v. ? commercial grade ? 64-pin qfn package 88E1116R device used in copper application m a g n e t i c s mac interface - rgmii media types: - 10base-t - 100base-tx - 1000base-t rj-45 10/100/1000 mbps ethernet mac 88E1116R device integrated passive termination
alaska ? 88E1116R technical product brief gigabit ethernet transceiver doc. no. mv-s105539-00, rev. -- copyright ? 2011 marvell page 4 document classification: propriet ary information may 9, 2011, advance table of contents s ection 1. s ignal d escription .............. .............. .............. .............. ........... 5 1.1 pin description ............................................................................................................. ..6 1.1.1 pin type definitions.......... ............................................................................................ ...... 6 1.2 64-pin qfn pin assignment list - alphabetical by signal name ............................13 s ection 2. p ackage m echanical d imensions ................ ............... ........... 14 2.1 64-pin qfn package.....................................................................................................14
copyright ? 2011 marvell doc. no. mv-s105539-00, rev. -- may 9, 2011, advance document classification: proprietary information page 5 signal description section 1. signal description the 88E1116R device is a 10/100/1000base- t gigabit ethernet transceiver. figure 1: 88E1116R device 64-pin qfn package (top view) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 top view 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 avdd nc avdd mdip[1] mdin[1] mdin[2] avdd avdd mdip[3] mdin[3] nc ctrl18 mdip[2] mdin[0] mdip[0] tstpt vddor rx_clk rxd[2] rxd[3] vddor txd[1] txd[2] txd[3] tx_ctrl config[0] vref rxd[1] rxd[0] rx_ctrl 17 18 19 20 21 22 23 24 25 26 30 31 32 27 28 29 64 63 62 61 60 59 58 57 56 55 51 50 49 54 53 52 config[1] config[2] config[3] coman led[0] vddo led[1] led[2] resetn avddr avddr avddx dvdd dis_reg12 dvdd mdc dvdd vddo mdio tdi tck tms dvdd xtal_out hsdacn avddc rset tdo xtal_in avddc hsdacp tx_clk txd[0] 88E1116R epad - vss trstn
alaska ? 88E1116R technical product brief gigabit ethernet transceiver doc. no. mv-s105539-00, rev. -- copyright ? 2011 marvell page 6 document classification: proprieta ry information may 9, 2011, advance 1.1 pin description 1.1.1 pin type definitions pin type definition h input with hysteresis i/o input and output i input only o output only pu internal pull up pd internal pull down d open drain output z tri-state output ma dc sink capability
copyright ? 2011 marvell doc. no. mv-s105539-00, rev. -- may 9, 2011, advance document classification: proprietary information page 7 signal description pin description table 1: media dependent interface 64-qfn pin # pin name pin type description 30 31 mdin[0] mdip[0] i/o, d media dependent interface[0]. in 1000base-t mode in mdi configuration, mdin/p[0] correspond to bi_da. in mdix configuration, mdin/p[0] correspond to bi_db. in 100base-tx and 10base-t modes in mdi configuration, mdin/p[0] are used for the transmit pair. in mdix configuration, mdin/p[0] are used for the receive pair. ?the unused mdi pins cannot be connected to ground. they need to be left floating, because they have internal bias.the 88E1116R device contains an internal 100 ohm resistor between the mdip/n[0] pins. 25 26 mdin[1] mdip[1] i/o, d media dependent interface[1]. in 1000base-t mode in mdi configuration, mdin/p[1] correspond to bi_db. in mdix configuration, mdin/p[1] correspond to bi_da. in 100base-tx and 10base-t modes in mdi configuration, mdin/p[1] are used for the receive pair. in mdix configuration, mdin/p[1] are used for the transmit pair. ?the unused mdi pins cannot be connected to ground. they need to be left floating, because they have internal bias.the 88E1116R device contains an internal 100 ohm resistor between the mdip/n[0] pins. 23 24 mdin[2] mdip[2] i/o, d media dependent interface[2]. in 1000base-t mode in mdi configuration, mdin/p[2] correspond to bi_dc. in mdix configuration, mdin/p[2] corresponds to bi_dd. in 100base-tx and 10base-t modes, mdin/p[2] are not used. ?the unused mdi pins cannot be connected to ground. they need to be left floating, because they have internal bias.the 88E1116R device contains an internal 100 ohm resistor between the mdip/n[0] pins. 19 20 mdin[3] mdip[3] i/o, d media dependent interface[3]. in 1000base-t mode in mdi confi guration, mdin/p[3] correspond to bi_dd. in mdix configuration, mdin/p[3] correspond to bi_dc. in 100base-tx and 10base-t mo des, mdin/p[3] are not used. ?the unused mdi pins cannot be connected to ground. they need to be left floating, because they have internal bias.the 88E1116R device contains an internal 100 ohm resistor between the mdip/n[0] pins.
alaska ? 88E1116R technical product brief gigabit ethernet transceiver doc. no. mv-s105539-00, rev. -- copyright ? 2011 marvell page 8 document classification: proprieta ry information may 9, 2011, advance the rgmii interface supports 10/ 100/1000base-t mode of operation. table 2: rgmii interface 64-qfn pin # pin name pin type description 60 tx_clk i rgmii transmit clock provides a 125 mhz, 25 mhz, or 2.5 mhz reference clock with 50 ppm tolerance depending on speed. 63 tx_ctrl i rgmii transmit control. tx_en is presented on the rising edge of tx_clk. a logical derivative of tx_en and tx_er is presented on the falling edge of tx_clk. 62 61 59 58 txd[3] txd[2] txd[1] txd[0] i rgmii transmit data. txd[3:0] run at double data rate with bits [3:0] presented on the rising edge of tx_clk, and bits [7:4] presented on the falling edge of tx_clk. in 10/100base-t modes, the transmit data nibble is presented on txd[3:0] on the rising edge of tx_clk. 53 rx_clk o rgmii receive clock provides a 125 mhz, 25 mhz, or 2.5 mhz reference clock with 50 ppm tolerance derived from the received data stream depending on speed. 49 rx_ctrl o rgmii receive cont rol. rx_dv is presented on the rising edge of rx_clk. a logical derivative of rx_dv and rx_er is presented on the falling edge of rx_clk. 55 54 51 50 rxd[3] rxd[2] rxd[1] rxd[0] o rgmii receive data. rxd[3:0] run at double data rate with bits [3:0] presented on the rising edge of rx_clk, and bits [7:4] presented on the falling edge of rx_clk. in 10/100base-t modes, the receive data nibble is presented on rxd[3:0] on the rising edge of rx_clk.
copyright ? 2011 marvell doc. no. mv-s105539-00, rev. -- may 9, 2011, advance document classification: proprietary information page 9 signal description pin description table 3: management interface and interrupt 64-qfn pin # pin name pin type description 48 mdc i mdc is the management data clock reference for the serial management interface. a continuous clock stream is not expected. the maximum fre- quency supported is 8.3 mhz. 45 mdio i/o mdio is the management data. mdio transfers management data in and out of the device synchronously to mdc. this pin requires a pull-up resistor in a range from 1.5 kohm to 10 kohm. table 4: led interface 64-qfn pin # pin name pin type description 6 8 9 led[0] led[1] led[2] o led/interrupt outputs. table 5: jtag interface 64-qfn pin # pin name pin type description 43 tdi i boundary scan test data input. 41 tms i, pu boundary scan test mode select input. tms contains an internal 150 kohm pull-up resistor. 42 tck i, pu boundary scan test clock input. tck contains an internal 150 kohm pull-up resistor. 11 trstn i, pu boundary scan test reset input. active low. trstn contains an internal 150 kohm pull-up resistor as per the 1149.1 specification. after power up, the jtag state machine should be reset by applying a low signal on this pin, or by keeping tms high and applying 5 tck pulses, or by pulling this pin low by a 4.7 kohm resistor. 44 tdo o boundary scan test data output.
alaska ? 88E1116R technical product brief gigabit ethernet transceiver doc. no. mv-s105539-00, rev. -- copyright ? 2011 marvell page 10 document classification: proprie tary information may 9, 2011, advance table 6: clock/configuration/reset/i/o 64-qfn pin # pin name pin type description 64 config[0] i hardware configuration 1 config[1] i hardware configuration 2 config[2] i hardware configuration 3 config[3] i hardware configuration 38 xtal_in i reference clock. 25 mhz 50 ppm tolerance crystal reference or oscillator input. note: if avddc is tied to 1.8v, then the xtal_in pin is not 2.5v/3.3v tolerant. if avddc is tied to 2.5v, then the xtal_in pin is not 3.3v tolerant. 39 xtal_out 0 reference clock. 25 mhz 50 ppm tolerance crystal reference. when the xtal_out pin is not connected, it should be left floating. 10 resetn i hardware reset. active low. 0 = reset 1 = normal 57 vref i rgmii input voltage reference. must be set to vddor/2 when used as 1.8v hstl, 2.5v sstl_2, and 3.3v. set to vddor when used as 2.5v lv cmos.
copyright ? 2011 marvell doc. no. mv-s105539-00, rev. -- may 9, 2011, advance document classification: proprietary information page 11 signal description pin description table 7: test 64-qfn pin # pin name pin type description 35 36 hsdacn hsdacp o o ac test point. positive and negative. these pins are also used to brin g out a differential tx_tclk. connect these pins with a 50 ohm termination resistor to vss for ieee testing and debug purposes. if debug and ieee test ing are not of importance, these pins can be left floating. 32 tstpt o test point. table 8: control and reference 64-qfn pin # pin name pin type description 33 rset i constant voltage reference. external 4.99 kohm 1% resistor connection to vss required for each pin. 17 ctrl18 o 1.8v regulator control. this signal ties to the base of the bjt. if the 1.8v regulator is not used it can be left floating. 12 dis_reg12 i 1.2v regulator disable. tie to vddo to disable, tie to vss to enable.
alaska ? 88E1116R technical product brief gigabit ethernet transceiver doc. no. mv-s105539-00, rev. -- copyright ? 2011 marvell page 12 document classification: proprie tary information may 9, 2011, advance table 9: power & ground 64-qfn pin # pin name pin type description 21 22 27 29 avdd power analog supply. 1.8v 1 . avdd can be supplied externally with 1.8v, or via the 1.8v regulator. 1. avdd supplies the mdip/n[3:0] pins. 34 37 avddc analog supply - 1.8v or 2.5v, or 3.3v 2 . avddc must be supplied externally. do not use the 1.8v regulator to power avddc. 2. avddc supplies the xtal_in and xtal_out pins. 14 15 avddr 1.2v regulator supply - 1.8v avddr can be supplied externally with 1.8v, or via the 1.8v regulator. if the 1.2v regulator is not used, avddr must still be tied to 1.8v. 16 avddx power 1.8v regulator supply - 2.5v, 3.3v, (or 1.8v). avddx must be supplied externally. note that this supply must be the same voltage as avddc. if the 1.8v regulator is not used, then it means a 1. 8v supply is in the sys- tem. avddx (along with avddc) woul d be tied to 1.8v in this case. 5 13 40 47 dvdd power digital core supply - 1.2v. dvdd can be supplied externally with 1.2v, or via the 1.2v regulator. 7 46 vddo power 1.8v, 2.5v, or 3.3v non-rgmii digital i/o supply 3 . vddo must be supplied externally. do not use the 1.8v regulator to power vddo. 3. vddo supplies the mdc, mdio, resetn, led[2:0], config[3:0], tdi, tms, tck, trstn, tdo, dis_reg12, ctrl18, hsdac, and tstpt 52 56 vddor power 1.8v, 2.5v, or 3.3v rgmii digital i/o supply 4 . vddor must be supplied externally. do not use the 1.8v regulator to power vddor. 4. vddor supplies the txd[3:0], tx_clk, tx_c trl, rxd[3:0], rx_clk, and rx_ctrl pins. epad vss gnd ground to device. the 64-pin qfn package has an exposed die pad (e- pad) at its base. this e-pad must be soldered to vss. refer to the package mechanical drawings for the exact location and dimen- sions of the epad. 18 28 5 5. pin 28 must be connected to avdd in revision a0. refe r to the rev a0 release notes for pin 28 connection details. nc nc no connect. these pins are not connected to the die so they can be con- nected to anything on the board.
copyright ? 2011 marvell doc. no. mv-s105539-00, rev. -- may 9, 2011, advance document classification: proprietary information page 13 signal description 64-pin qfn pin assignment list - alphabetical by signal name 1.2 64-pin qfn pin assignment list - alphabetical by sig- nal name pin # pin name pin # pin name 21 avdd 24 mdip[2] 22 avdd 20 mdip[3] 27 avdd 18 nc 29 avdd 28 nc 34 avddc 53 rx_clk 37 avddc 49 rx_ctrl 14 avddr 10 resetn 15 avddr 33 rset 16 avddx 50 rxd[0] 4 coman 51 rxd[1] 64 config[0] 54 rxd[2] 1 config[1] 55 rxd[3] 2 config[2] 42 tck 3 config[3] 43 tdi 17 ctrl18 44 tdo 12 dis_reg12 41 tms 5dvdd 11trstn 13 dvdd 60 tx_clk 40 dvdd 63 tx_ctrl 47 dvdd 58 txd[0] 35 hsdacn 59 txd[1] 36 hsdacp 61 txd[2] 6 led[0] 62 txd[3] 8 led[1] 32 tstpt 9 led[2] 7 vddo 48 mdc 46 vddo 30 mdin[0] 52 vddor 25 mdin[1] 56 vddor 23 mdin[2] 57 vref 19 mdin[3] epad vss 45 mdio 38 xtal_in 31 mdip[0] 39 xtal_out 26 mdip[1]
alaska ? 88E1116R technical product brief gigabit ethernet transceiver doc. no. mv-s105539-00, rev. -- copyright ? 2011 marvell page 14 document classification: proprieta ry information may 9, 2011, advance section 2. package mechanical dimensions 2.1 64-pin qfn package detail : b 0.6max e e2 0.08 c a seating plane "a" d2 c ''b'' aaa e e1 n 3 2 1 aaa c d d1 l a a2 b detail : a 0.6max b a1 a3 x 4 o 1.0mm
copyright ? 2011 marvell doc. no. mv-s105539-00, rev. -- may 9, 2011, advance document classifi cation: proprietary information page 15 package mechanical dimensions 64-pin qfn package table 10: 64-pin qfn mechanical dimensions dimensions in mm symbol min nom max a 0.80 0.85 1.00 a1 0.00 0.02 0.05 a2 -- 0.65 1.00 a3 0.20 ref b 0.18 0.23 0.30 d 9.00 bsc d1 8.75 bsc e 9.00 bsc e1 8.75 bsc e 0.50 bsc l 0.30 0.40 0.50 0 -- 12 aaa -- -- 0.25 bbb -- -- 0.10 chamfer -- -- 0.60 die pad size symbol dimension in mm d 2 5.21 0.20 e 2 6.25 0.20
marvell. moving forward faster marvell semiconductor, inc. 5488 marvell lane santa clara, ca 95054, usa tel: 1.408.222.2500 fax: 1.408.988.8279 www.marvell.com back cover


▲Up To Search▲   

 
Price & Availability of 88E1116R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X